Part Number Hot Search : 
2SD2240R BCR191W EL3H7 DMC60C52 C339G 5DLCA 2N6490 2N498
Product Description
Full Text Search
 

To Download 2N6648 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/527 Devices 2N6648 2N6649 2N6650 Qualified Level JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol 2N6648 2N6649 2N6650 Unit
VCEO VCBO VEBO IB IC -40 -40 -60 -80 -60 -80 -5.0 -0.25 -10 5.0 85 -65 to +175 Max. 1.76 Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = +250C (1) PT @ TC = +250C (2) Operating & Storage Junction Temperature Range TJ, Tstg Symbol RJC
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance Junction-to-Case 1) Derate linearly 33.3 mW/0C for TA > +250C 2) Derate linearly 567 mW/0C for TC > +250C
0
TO-3* (TO-204AA)
*See Appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc 2N6648 2N6649 2N6650 2N6648 2N6649 2N6650 2N6648 2N6649 2N6650 V(BR)CEO -40 -60 -80 -40 -60 -80 -1.0 -1.0 -1.0 Vdc
Collector-Emitter Breakdown Voltage IC = 200 mAdc, RBB = 100
V(BR)CER
Vdc
Collector-Base Cutoff Current VCB = -40 Vdc VCB = -60 Vdc VCB = -80 Vdc
ICBO
mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6648, 2N6649, 2N6650 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Emitter-Base Cutoff Current VEB = 5.0 Vdc Collector-Emitter Cutoff Current VCE = -40 Vdc VCE = -60 Vdc VCE = -80 Vdc Collector-Emitter Cutoff Current VCE = -40 Vdc, VBE = 1.5 Vdc VCE = -60 Vdc, VBE = 1.5 Vdc VCE = -80 Vdc, VBE = 1.5 Vdc Symbol IEBO 2N6648 2N6649 2N6650 2N6648 2N6649 2N6650 Min. Max. -10 -1.0 -1.0 -1.0 -0.3 -0.3 -0.3 Unit mAdc
ICEO
mAdc
ICEX
mAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = -1.0 Adc, VCE = 3.0 Vdc IC = -5.0 Adc, VCE = 3.0 Vdc IC = -10 Adc, VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC =-5 .0 Adc, IB = -10 mAdc IC = -10 Adc, IB = -0.1 Adc Base-Emitter Voltage IC = -5.0 Adc, VCE = -3.0 Vdc IC = -10 Adc, VCE = -3.0 Vdc hFE 300 1,000 100
20,000
VCE(sat)
-2.0 -3.0 -2.8 -4.5
Vdc
VBE(on)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC =- 1.0 Adc, VCE = -5.0 Vdc, f = 1.0 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 50 400 300 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = -30 Vdc; IC = -5.0 Adc; IB1 =- 20 mAdc Turn-Off Time VCC = -30 Vdc; IC = -5.0 Adc; IB1 = -IB2 = 20 mAdc
t
on
2.5 10
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = -8.5 Vdc, IC = -10 Adc Test 2 VCE = -25 Vdc, IC = -3.4 Adc Test 3 VCE = -40 Vdc, IC = -0.9 Adc 2N6648 VCE = -60 Vdc, IC = -0.3 Adc 2N6449 VCE = -80 Vdc, IC = -0.14 Adc 2N6650 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6648

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X